Part Number Hot Search : 
C2188 D3SBA6 STPS20 501B2 PDSP1 SC145405 4N33300W 4000B
Product Description
Full Text Search
 

To Download GP1U260X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1U26X/27X/28X/28Y Series
GP1U26X/GP1U27X Series GP1U28X/GP1U28Y Series
s Features
1. Compact (case volume) (GP1U28Y : About 1/4 compared with GP1U58Y) 2. Height from PWB to detector face same as GP1U58Y 3. Power filter capacitor and resistance are not required any more as a result of adoption of built-in constant voltage circuit 4. Various B.P.F. (Band Pass Frequency) frequency to meet different user needs
Compact IR Detecting Unit for Remote Control
s Applications
1. AV equipment such as TV sets, VCRs and audio equipment 2. HA equipment such as air conditioners
s Outline Dimensions
GP1U26X Series
1.1 1.4 7.3 0.5
+0.5 0.3
(Unit : mm)
GP1U27X Series
1.1 1.4 1.4 3.75 3.75 1.2 1.7 2-0.5 2-0.4 2-0.75 0.6 (0.5) (9.7)
1.6 3.4
5.2
3.6
7.3 0.5 2.8
1.6 3.4
10.4
3.6
+0.5 -0.3
-
10.2
S 26
10.2
Marking
S 27
13.1
1.4
13.1
Marking
*1
0.4
*1
*1
2.54
2.54 R1.9
*1
1.7
10.45
(9.7)
0.6
1
2
3
(0.5)
0.6
Detector center
1 Vout 2 VCC 3 GND 1. Unspecified tolerance : 0.3
1
2
3
2.54
2.54
0.8
0.6 2.54 2.54
2. * 1 : The dimension of lead base
+0.5 -0.3
1. Unspecified tolerance : 0.3
2. * 1 : The dimension of lead base
1.6 4
GP1U28X Series
1.1 1.4 7.3 0.5 3.4 1.6 14.4 3.6
GP1U28Y Series
7.3 0.5
2.8
10.2
3.4
S28
S 28
13.1
*1
2.54
2.54 R1.9
4 Recommended drilling as viewed from the soldering face. 1.7 3.75 3.75 1.2 1.7
3.6
*1
*1
0.4
13
Marking
1.4
Marking
0.4 1.6 3.7 5.4 6.8 1.4 1.4
0.6
1
2
3
0.6
1 Vout 2 VCC 3 GND
1.7
2-0.5 2-0.4 2-0.75 0.6
3.65
(0.5)
(9.7)
Detector center
8.75
1 Vout 2 VCC 3 GND
10.45
1
2
3
0.6
2.54
2.54
0.8
0.5
*1
1.2 3.75 3.75
1.2
2.54
*1
2.54
1. Unspecified tolerance : 0.3
2. * 1 : The dimension of lead base
1. Unspecified tolerance : 0.3
2. * 1 : The dimension of lead base
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
1.7
0. 8 1.95
1.2
R1.9
Recommended drilling as viewed from the soldering face. 2.54 2.54
8.75
0.8
Detector center
8.75
10.45
2-0.5 2-0.4 2-0.75
1.2
1.7
1.7
4 Recommended drilling as viewed from the soldering face. 3.75 3.75 1.2
*1
2.54
2.54 R1.9
*1
4 Recommended drilling as viewed from the soldering face.
1 Vout 2 VCC 3 GND
1.2
0.4
2.8
GP1U26X/27X/28X/28Y Series
s Model Line-ups
Diversified models with a different B.P.F. frequency are also available.
B.P.F. center frequency 40 36 38 36.7 32.75 56.8
GP1U26X GP1U260X GP1U261X GP1U262X GP1U263X GP1U267X
Model No. GP1U27X GP1U28X GP1U270X GP1U280X GP1U271X GP1U281X GP1U272X GP1U282X GP1U273X GP1U283X GP1U277X GP1U287X
Unit GP1U28Y GP1U280Y GP1U281Y GP1U282Y GP1U283Y GP1U287Y
kHz
s Internal Block Diagram
Vout
Limiter B.P.F. Demodulator Integrator Comparator
Vcc GND
s Absolute Maximum Ratings
Parameter Supply voltage *1 Operating temperature Storage temperature *2 Soldering temperature
*1 No dew condensation is allowed. *2 For 5 seconds
(Ta=25C) Unit V C C C
Symbol Rating VCC 0 to 6.3 - 10 to + 70 Topr Tstg - 20 to + 70 260 Tsol
s Recommended Operating Conditions
Parameter Supply voltage Symbol Operating conditions VCC 4.7 to 5.3 Unit V
GP1U26X/27X/28X/28Y Series
s Electrical Characteristics
Parameter Dissipation current High level output voltage Low level output voltage High level pulse width Low level pulse width B.P.F. center frequency Symbol ICC V OH VOL T1 T2 fO Conditions No input light MIN. VCC - 0.5 400 400 (Ta=25C, VCC =+5V) TYP. *4 MAX. 5.0 0.45 800 800 Unit mA V V s kHz
*3
-
*3 The burst wave as shown in the following figure shall be transmitted by the transmitter shown in Fig. 1. The carrier frequency of the transmitter, however, shall be same as *4, and measurement shall be taken of the 100th and subsequent pulses after start of transmission. *4 The B.P.F. center frequency fo varies with model, as shown in s Model Line-ups.
Burst wave
600 s
600 s
fO = *4 kHz
Duty 50%
s Performance
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough to meet the following items in the standard optical system in Fig. 2. (1) Linear reception distance characteristics When L=0.2 to 8 m, Ee *5 < 10 lx and =0 in Fig. 2, the output signal shall meet the electrical characteristics in the attached list. (2) Sensitivity angle reception distance characteristics When L=0.2 to 6 m, Ee *5 < 10 lx and <= 30 in Fig. 2, the output signal shall meet the electrical characteristics in the attached list. (3) Anti outer peripheral light reception distance characteristics When L=0.2 to 4 m, Ee*6 <= 300 lx and =0 in Fig. 2, the output signal shall meet the electrical characteristics in the attached list.
*5 It refers to detector face illuminance. *6 Outer peripheral light source: CIE standard light source A shall be used and placed at 45 from perpendicular axis at the detector face center.
20cm 10k + 5V PD49PI 10F
10k
Transmitter (GL521 used) fO = *4 Duty 50%
Vout
Oscilloscope
In the above figure, the transmitter should be set so that the output V out can be 40mV P - P. However, the PD49PI to be used here should be of the short-circuit current I SC =2.6 A at EV =100 lx. (E V is an illuminance by CIE standard light source A (tungsten lamp).)
Fig. 1 Transmitter
GP1U26X/27X/28X/28Y Series
Light detector face illuminance : Ee Vout
Reception distance : L Transmitter
( indicates horizontal and vertical directions.)
Fig. 2 Standard optical system
Fig. 1 B.P.F. Frequency Characteristics [TYP.](GP1Uxx1X)
Fig. 2 Sensitivity Angle (Horizontal Direction) Characteristics [TYP.] for Reference
- 15 - 30 0 100 + 15 + 30 80
Relative sensitivity (2dB/div)
Relative reception distance (%)
- 45
60 + 45 40 + 60 20 VCC = 5V Ta = 25C + 75 + 90
- 60
- 75
28 30 32 34 36 38 40 42 44 46 48
- 90
Carrier frequency (kHz)
Fig. 3 Sensitivity Angle (Vertical Direction) Characteristics [TYP.] for Reference
- 15 - 30 0 100 + 15 + 30
Fig. 4 Relative Reception Distance vs. Ambient Temperature [TYP.] for Reference
120
Relative reception distance (%)
Relative reception distance (%)
100
80
80
60 + 45 40 + 60 20 + 75 VCC = 5V Ta = 25C + 90
- 45
60
40
Unit
- 60
SHARP standard transmitter
20 0 - 40
- 75 - 90
Relative comparison with reception distance at V =5V, =0 , Ee <10 lx CC and Ta=30 C taken as 100%
- 20 0 20 40 60 80 100
Ambient temperature Ta (C)
GP1U26X/27X/28X/28Y Series
Fig. 5 AEHA (Japan Association of Electrical Home Appliances) Code Pulse Width Characteristics (1st Bit) [TYP.] for Reference
700
Low level pulse width
Fig. 6 Spectral Sensitivity for Reference
100 90 80
600
Relative sensitivity (%)
1st bit
500
70 60 50 40 30 20 10 700 800 900 1000 1100 1200
Pulse width ( s)
400 300
High level pulse width
200
Unit
100 0
AEHA code generating transmitter VCC =5V, Ta=RT, =0 , Ee < 10 lx, T=430 s
0
1234
56
7 8 9 10 11 12 13 14
Reception distance (m)
Wavelength (nm)
s Precautions for Operation
1) In case of adopting the infrared light detecting unit for the wireless remote control, use it in accordance with the transmission scheme and the signal format recommended in "Countermeasures for malfunction prevention of home appliances with remote control" issued from Japan Association of Electrical Home Appliances (AEHA) in July, 1987. Use of a transmission scheme and a signal format different from those recommended may cause malfunction of home appliances. (Example : signal format without leader signal, bit structure of small duty ratio (TH/(T H+T L))) 2) Use the light emitting unit (remote control transmitter), in consideration of performance, characteristics, operating conditions of light light emitting device and the characteristics of the light detecting unit. 3) Pay attention to a malfunction of the light detecting unit when the surface is stained with dust and refuse. Care must be taken not to touch the light detector surface. If it should be dirty, wipe off such dust and refuse with soft cloth so as to prevent scratch. In case some solvents are required, use methyl alcohol, ethyl alcohol or isopropyl alcohol only. Also, protect the light detecting unit against flux and others, since their deposition on the unit inside causes reduction of the function, fading of markings such as the part number. 4) The shield case should be grounded on PWB pattern. (The area across the shield case and the GND terminal is internally conductive in some cases and non-conductive in some other cases.) 5) Do not apply unnecessary force to the terminal and the case. 6) Do not push the light detector surface (photodiode) from outside. 7) To avoid the electrostatic breakdown of IC, handle the unit under the condition of grounding with human body, soldering iron, etc. 8) Do not use hole and groove set in the case of the light detecting unit for other purposes, since they are required to maintain the specified performance.


▲Up To Search▲   

 
Price & Availability of GP1U260X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X